Part Number Hot Search : 
0CNQ0 M13252DH ITS410 46V32M16 FJV4105R DTB543EE W78L54 5C253
Product Description
Full Text Search
 

To Download HCF4023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCF4023B
TRIPLE 3 INPUT NAND GATE
s
s s
s
s s
s s
PROPAGATION DELAY TIME : tPD = 60ns (Typ.) at VDD = 10V BUFFERED INPUTS AND OUTPUTS STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS QUIESCENT CURRENT SPECIFIED UP TO 20V 5V, 10V AND 15V PARAMETRIC RATINGS INPUT LEAKAGE CURRENT II = 100nA (MAX) AT VDD = 18V TA = 25C 100% TESTED FOR QUIESCENT CURRENT MEETS ALL REQUIREMENTS OF JEDEC JESD13B " STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIES CMOS DEVICES"
DIP
SOP
ORDER CODES
PACKAGE DIP SOP TUBE HCF4023BEY HCF4023BM1 T&R HCF4023M013TR
DESCRIPTION The HCF4023B is a monolithic integrated circuit fabricated in Metal Oxide Semiconductor technology available in DIP and SOP packages. The HCF4023B TRIPLE 3 INPUT NAND GATE provides the system designer with direct
implementation of the NAND function and supplement the existing family of CMOS gates. All inputs and outputs are buffered.
PIN CONNECTION
September 2001
1/7
HCF4023B
INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1, 2, 8 3, 4, 5 11, 12, 13 6, 9, 10 7 14 SYMBOL A, B, C D, E, F I, H, G K, J, L VSS VDD NAME AND FUNCTION Data Inputs Data Inputs Data Inputs Data Outputs Negative Supply Voltage Positive Supply Voltage
TRUTH TABLE
INPUTS A, B, C D, E, F X L X H I, H, G X X L H OUTPUTS K, J, L H H H L
LOGIC DIAGRAM
L X X H
X : Don't Care
ABSOLUTE MAXIMUM RATINGS
Symbol VDD VI II PD Top Tstg Supply Voltage DC Input Voltage DC Input Current Power Dissipation per Package Power Dissipation per Output Transistor Operating Temperature Storage Temperature Parameter Value -0.5 to +22 -0.5 to VDD + 0.5 10 200 100 -55 to +125 -65 to +150 Unit V V mA mW mW C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol VDD VI Top Supply Voltage Input Voltage Operating Temperature Parameter Value 3 to 20 0 to VDD -55 to 125 Unit V V C
2/7
HCF4023B
DC SPECIFICATIONS
Test Condition Symbol Parameter VI (V) 0/5 0/10 0/15 0/20 0/5 0/10 0/15 5/0 10/0 15/0 0.5/4.5 1/9 1.5/13.5 4.5/0.5 9/1 13.5/1.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 VO (V) |IO| VDD (A) (V) 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 10 15 18 TA = 25C Min. Typ. 0.01 0.01 0.01 0.02 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -1.36 -0.44 -1.1 -3.0 0.44 1.1 3.0 -3.2 -1 -2.6 -6.8 1 2.6 6.8 10-5 5 0.1 7.5 -1.1 -0.36 -0.9 -2.4 0.36 0.9 2.4 1 3.5 7 11 1.5 3 4 -1.1 -0.36 -0.9 -2.4 0.36 0.9 2.4 1 Max. 0.25 0.5 1 5 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 Value -40 to 85C Min. Max. 7.5 15 30 150 4.95 9.95 14.95 0.05 0.05 0.05 -55 to 125C Min. Max. 7.5 15 30 150 Unit
IL
Quiescent Current
A
VOH
High Level Output Voltage Low Level Output Voltage High Level Input Voltage Low Level Input Voltage Output Drive Current
VOL
VIH
VIL
IOH
IOL
Output Sink Current Input Leakage Current Input Capacitance
0/5 0/5 0/10 0/15 0/5 0/10 0/15 0/18
<1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1
V
V
V
V
mA
mA A pF
II CI
Any Input Any Input
The Noise Margin for both "1" and "0" level is: 1V min. with VDD =5V, 2V min. with VDD=10V, 2.5V min. with VDD=15V
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25C, CL = 50pF, RL = 200K, tr = tf = 20 ns)
Test Condition Symbol Parameter VDD (V) tPLH tPHL Propagation Delay Time 5 10 15 5 10 15 Min. Typ. 125 60 45 100 50 40 Max. 250 120 90 200 100 80 ns Value (*) Unit
tTLH tTHL Output Transition Time
ns
(*) Typical temperature coefficient for all VDD value is 0.3 %/C.
3/7
HCF4023B
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance) RL = 200K RT = ZOUT of pulse generator (typically 50)
WAVEFORM : PROPAGATION DELAY TIMES (f=1MHz; 50% duty cycle)
4/7
HCF4023B
Plastic DIP-14 MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 1.27 3.3 2.54 0.050 8.5 2.54 15.24 7.1 5.1 0.130 0.100 0.51 1.39 0.5 0.25 20 0.335 0.100 0.600 0.280 0.201 1.65 TYP MAX. MIN. 0.020 0.055 0.020 0.010 0.787 0.065 TYP. MAX. inch
P001A
5/7
HCF4023B
SO-14 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
PO13G
6/7
HCF4023B
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www.st.com
7/7


▲Up To Search▲   

 
Price & Availability of HCF4023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X